PART |
Description |
Maker |
IRFM150 2N7224 |
N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)(N娌?????MOS?烘?搴??(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)) N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)4A条的Rds(on):0.070Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00V的,身份证(续)4A条的Rds(on.070Ω))
|
SEMELAB LTD Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Semelab(Magnatec) SEME-LAB[Seme LAB]
|
IRFM250 |
N-Channel Power MOSFET(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)(N沟道功率MOS场效应管(Vdss:200V,Id(cont):27.4A,Rds(on):0.100Ω)) N沟道功率MOSFET(减振钢板基本:200伏,身份证(续)7.4A,的Rds(on):0.100Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00伏,身份证(续)7.4A时,RDS(对):0.100Ω))
|
Electronic Theatre Controls, Inc. SEME-LAB Seme LAB
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
S05K75 S20S275B S05K115 S05K130 S05K140 S05K175 S0 |
ELECTRICAL SPECIFICATIONS, CONT. DISC TYPES
|
List of Unclassifed Man... N.A. ETC[ETC] List of Unclassifed Manufacturers
|
0541323297 0541323397 |
0.5 FPC CONN ASSY ZIF SMT RA(BTM CONT) E/O -LEAD FREE-
|
Molex Electronics Ltd.
|
APT50M50JLL |
Volts:500V RDS(ON):0.05Ohms ID(cont:)79Amps|MOSFETs 电压00V电压的RDS(ON):0.05Ohms编号(续:)七九安培| MOSFET
|
Microsemi, Corp.
|
2N4118A SST4119 2N4117A 2N4119A PN4117A PN4118A PN |
N-Channel JFETs IC FTDI2232L USB/SERIAL 48-LQFP MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:12V; Case style:SO-8; Current, Id cont:4.8A; Current, Idm pulse:-20A; Power, Pd:1.1W; Resistance, Rds on:0.035R; SMD:1; MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:3.6A; Current, Idm pulse:40A; Power, Pd:1.1W; Resistance, Rds on:0.06R; SMD:1;
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
HYB18L2561 HYE25L256160AC-7.5 HYE25L256160AF-7.5 H |
HEX DIE SET,.052/.068/.100/.21 RT ANG PCB CONT .40/1.295 BULK BJAWBMSpecialty DRAMs Mobile-RAM BJAWBMSpecialty DRAM的移动RAM
|
http:// INFINEON[Infineon Technologies AG]
|
2-212565-3 |
Subminiature D Pin/Socket Connectors for MIL-C-24308 and MIL-C-39029; AMPLI,PIN CONT,SZ 20,AU PLTD ( AMP )
|
Tyco Electronics
|
19003-0045 19023-0056 |
.250X.032 94V-0 FEM. FIQD CONT (BB-2206V 2 mm2, PUSH-ON TERMINAL MALE FIQD 14-16 AWG LOOSE 2 mm2, TAB TERMINAL
|
Molex, Inc.
|
S3076DI S3076TT S3076 |
IC, S3076TT, CONT CLOCK RECOVERY UNIT MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
|
APPLIEDMICRO INC ETC[ETC] List of Unclassifed Manufacturers
|